Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA844CTZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA844CTZ
Description  Silicon PNP Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA844CTZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA844CTZ Datasheet HTML 1Page - Renesas Technology Corp 2SA844CTZ Datasheet HTML 2Page - Renesas Technology Corp 2SA844CTZ Datasheet HTML 3Page - Renesas Technology Corp 2SA844CTZ Datasheet HTML 4Page - Renesas Technology Corp 2SA844CTZ Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA844
Rev.2.00 Aug 10, 2005 page 3 of 4
Main Characteristics
Collector to Emitter Voltage VCE (V)
0
Typical Output Characteristics
–10
–8
–6
–4
–2
–10
–8
–6
–4
–2
IB = 0
–5
µA
–10
–15
–20
–25
–30
Typical Transfer Characteristics
–10
µ
–20
µ
–50
µ
–100
µ
–200
µ
–500
µ
–1 m
–2 m
–5 m
–10 m
–20 m
–50 m
–100 m
Base to Emitter Voltage VBE (V)
–1.0
–0.8
–0.6
–0.4
–0.2
0
VCE = –12 V
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (A)
–10
µ
–100
µ
–1 m
–10 m
–50 m
10
100
1,000
10,000
VCE = –12 V
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
1
2
5
10
20
50
–1
–2
–5
–10
–20
–50
f = 1 MHz
IE = 0
0
100
200
300
50
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
100
150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com