Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1193 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA1193
Description  Silicon PNP Epitaxial, Darlington
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1193 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA1193 Datasheet HTML 1Page - Renesas Technology Corp 2SA1193 Datasheet HTML 2Page - Renesas Technology Corp 2SA1193 Datasheet HTML 3Page - Renesas Technology Corp 2SA1193 Datasheet HTML 4Page - Renesas Technology Corp 2SA1193 Datasheet HTML 5Page - Renesas Technology Corp 2SA1193 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SA1193(K)
Rev.2.00 Aug 10, 2005 page 3 of 5
Main Characteristics
Maximum Collector Dissipation Curve
0.9
0.6
0.3
050
150
100
Ambient Temperature Ta (°C)
Area of Safe Operation
–3
–1.0
–0.3
–0.1
–0.03
–0.01
–0.003
–3
–30
–300
–10
–100
Collector to Emiter Voltage VCE (V)
iC (peak)
IC max
Ta = 25
°C
Typical Output Characteristics
–500
–400
–300
–200
–100
0
–2
–6
–10
–4
–8
Collector to Emitter Voltage VCE (V)
IB = 0
–5
µA
–10
–20
P
C =
0.9W
–40
–60
–80
–100
DC Current Transfer Ratio vs.
Collector Current
100,000
30,000
10,000
3,000
1,000
300
100
–10
–30
–100
–1,000
–300
Collector Current IC (mA)
VCE = –3 V
Pulse
Ta = 75
°C
25
°C
Saturation Voltage vs.
Collector Current
–10
–3
IC = 500 IB
Pulse
Ta = 25
°C
75
°C
–1.0
–0.3
–0.1
–10
–30
–300
–100
–1,000
Collector Current IC (mA)
VBE(sat)
VCE(sat)
Switching Time vs. Collector Current
10
3
1.0
toff
tstg
ton
td
0.3
0.1
0.03
0.01
–10
–30
Collector Curret IC (mA)
–100
–1,000
–300
IC = 500 IB
Ta = 25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com