Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1002 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SB1002
Description  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB1002 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SB1002 Datasheet HTML 1Page - Renesas Technology Corp 2SB1002 Datasheet HTML 2Page - Renesas Technology Corp 2SB1002 Datasheet HTML 3Page - Renesas Technology Corp 2SB1002 Datasheet HTML 4Page - Renesas Technology Corp 2SB1002 Datasheet HTML 5Page - Renesas Technology Corp 2SB1002 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SB1002
Rev.2.00 Aug 10, 2005 page 3 of 5
Main Characteristics
0
0.4
0.8
1.2
50
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
100
150
0
–100
–80
–60
–40
–20
–2
–4
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
–6
–8
–10
IB = 0
–0.05 mA
–0.1
–0.15
–0.25
–0.35
–0.45
–0.2
–0.3
–0.4
0
–2.0
–1.6
–1.2
–0.8
–0.4
–0.4
–0.8
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
–1.2
–1.6
–2.0
IB = 0
–50
–40
–30
–20
–10
mA
0
–1,000
–300
–100
–30
–10
–3
–1
–0.2
–0.4
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
–0.6
–0.8
–1.0
VCE = –2 V
–1
10,000
3,000
1,000
300
30
10
100
–3
–10
–30
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
–100 –300 –1,000
Pulse
VCE = –2 V
–0.3
3,000
1,000
300
100
30
10
3
–1.0
–3
Collector to Base Voltage VCB (V)
Collector Output Capacitance
vs. Collector to Base Voltage
–10
–30
–100 –300
f = 1 MHz
IE = 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com