Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64WDW5G Datasheet(PDF) 38 Page - STMicroelectronics

Part # M24C64WDW5G
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64WDW5G Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M24C64WDW5G Datasheet HTML 31Page - STMicroelectronics M24C64WDW5G Datasheet HTML 32Page - STMicroelectronics M24C64WDW5G Datasheet HTML 33Page - STMicroelectronics M24C64WDW5G Datasheet HTML 34Page - STMicroelectronics M24C64WDW5G Datasheet HTML 35Page - STMicroelectronics M24C64WDW5G Datasheet HTML 36Page - STMicroelectronics M24C64WDW5G Datasheet HTML 37Page - STMicroelectronics M24C64WDW5G Datasheet HTML 38Page - STMicroelectronics M24C64WDW5G Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Revision history
M24128, M24C64, M24C32
38/39
18-Dec-2007
12
Added Section 2.6.2: Power-up conditions, updated Section 2.6.3:
Device reset, and Section 2.6.4: Power-down conditions in Section 2.6:
Supply voltage (VCC).
Updated Figure 5: Maximum RP value versus bus parasitic capacitance
(C) for an I2C bus.
Replace M24128 and M24C64 by M24128-BFMB6 and M24C64-FMB6,
respectively, in Section 4.9: ECC (error correction code) and write
cycling.
Added temperature grade 6 in Table 10: Operating conditions (M24xxx-
F).
Updated test conditions for ILO and VLO in Table 13: DC characteristics
(M24xxx-W, device grade 6), Table 14: DC characteristics (M24xxx-W,
device grade 3), and Table 15: DC characteristics (M24xxx-R - device
grade 6).
Test condition updated for ILO, and VIH and VIL differentiate for 1.8 V ≤
VCC < 2.5 V and 2.5 V ≤VCC < 5.5 V in Table 16: DC characteristics
(M24xxx-F).
Updated Table 17: AC characteristics (M24xxx-W6, M24xxW3,
M24xxR6), and Table 18: AC characteristics (M24xxx-F).
Updated Figure 13: AC waveforms.
Added M24128-BF in Table 27: Available M24128 products (package,
voltage range, temperature grade).
Process B removed fromTable 24: Ordering information scheme.
30-May-2008
13
Small text changes.
C Process option and Blank Plating technology option removed from
Table 24: Ordering information scheme.
15-Jul-2008
14
WLCSP package added (see Figure 3: M24128 WLCSP connections
(top view, marking side, with balls on the underside) and Section 8:
Package mechanical data). Section 4.9: ECC (error correction code)
and write cycling updated.
16-Sep-2008
15
IOL added to Table 7: Absolute maximum ratings.
Table 26: Available M24C64 products (package, voltage range,
temperature grade) and Table 27: Available M24128 products (package,
voltage range, temperature grade) updated.
Table 28.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com