Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC461 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC461
Description  Silicon NPN Epitaxial Planar
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC461 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC461 Datasheet HTML 1Page - Renesas Technology Corp 2SC461 Datasheet HTML 2Page - Renesas Technology Corp 2SC461 Datasheet HTML 3Page - Renesas Technology Corp 2SC461 Datasheet HTML 4Page - Renesas Technology Corp 2SC461 Datasheet HTML 5Page - Renesas Technology Corp 2SC461 Datasheet HTML 6Page - Renesas Technology Corp 2SC461 Datasheet HTML 7Page - Renesas Technology Corp 2SC461 Datasheet HTML 8Page - Renesas Technology Corp 2SC461 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SC460, 2SC461
Rev.2.00 Aug 10, 2005 page 5 of 8
10
20
200
100
50
500
0.5
0.2
0.1
Collector Current IC (mA)
Transfer Admittance vs.
Collector Current
2
1.0
5
VCE = 6 V
f = 455 kHz
bre
bre
bfe
bfe
gfe
gfe
10
20
200
100
50
500
5
2
1
Collector to Emitter Voltage VCE (V)
Input/Output Admittance vs.
Collector to Emitter Voltage
20
10
50
IC = 1 mA
f = 4.5 MHz
gie
gie
goe
goe
boe
boe
bie
bie
10
20
200
100
50
500
0.5
0.2
0.1
Collector Current IC (mA)
Input/Output Admittance vs.
Collector Current
2
1.0
5
VCE = 6 V
f = 4.5 MHz
gie
gie
bie
bie
goe
goe
boe
boe
10
20
200
100
50
500
5
2
1
Collector to Emitter Voltage VCE (V)
Transfer Admittance vs.
Collector to Emitter Voltage
20
10
50
IC = 1 mA
f = 4.5 MHz
bre
bfe
gfe
bre
bfe
gfe
10
20
200
100
50
500
0.5
0.2
0.1
Collector Current IC (mA)
Transfer Admittance vs.
Collector Current
2
1.0
5
VCE = 6 V
f = 4.5 MHz
bfe
bfe
gfe
gfe
bre
bre
10
20
200
100
50
500
5
2
1
Collector to Emitter Voltage VCE (V)
Input/Output Admittance vs.
Collector to Emitter Voltage
20
10
50
IC = 1 mA
f = 10.7 MHz
boe
boe
bie
bie
gie
gie
goe
goe



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com