Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1213 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC1213
Description  Silicon NPN Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1213 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC1213 Datasheet HTML 1Page - Renesas Technology Corp 2SC1213 Datasheet HTML 2Page - Renesas Technology Corp 2SC1213 Datasheet HTML 3Page - Renesas Technology Corp 2SC1213 Datasheet HTML 4Page - Renesas Technology Corp 2SC1213 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC1213, 2SC1213A
Rev.2.00 Aug 10, 2005 page 2 of 4
Electrical Characteristics
(Ta = 25°C)
2SC1213
2SC1213A
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V(BR)CBO
35
—
—
50
—
—
V
IC = 10
µA, IE = 0
Collector to emitter
breakdown voltage
V(BR)CEO
35
—
—
50
—
—
V
IC = 1 mA, RBE =
∞
Emitter to base
breakdown voltage
V(BR)EBO
4
—
—
4
—
—
V
IE = 10
µA, IC = 0
Collector cutoff current
ICBO
—
—
0.5
—
—
0.5
µA
VCB = 20 V, IE = 0
DC current transfer ratio
hFE*
1
60
—
320
60
—
320
VCE = 3 V, IC =10 mA
hFE
10
—
—
10
—
—
VCE = 3 V,
IC = 500 mA*
2
Collector to emitter
saturation voltage
VCE(sat)
—
0.2
0.6
—
0.2
0.6
V
IC = 150 mA,
IB = 15 mA*
2
Base to emitter voltage
VBE
—
0.64
—
—
0.64
—
V
VCE = 3 V, IC = 10 mA
Notes: 1. The 2SC1213 and 2SC1213A are grouped by hFE as follows.
2. Pulse test
B
C
D
60 to 120
100 to 200
160 to 320



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com