Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC460CTZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC460CTZ
Description  Silicon NPN Epitaxial Planar
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC460CTZ Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC460CTZ Datasheet HTML 1Page - Renesas Technology Corp 2SC460CTZ Datasheet HTML 2Page - Renesas Technology Corp 2SC460CTZ Datasheet HTML 3Page - Renesas Technology Corp 2SC460CTZ Datasheet HTML 4Page - Renesas Technology Corp 2SC460CTZ Datasheet HTML 5Page - Renesas Technology Corp 2SC460CTZ Datasheet HTML 6Page - Renesas Technology Corp 2SC460CTZ Datasheet HTML 7Page - Renesas Technology Corp 2SC460CTZ Datasheet HTML 8Page - Renesas Technology Corp 2SC460CTZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2SC460, 2SC461
Rev.2.00 Aug 10, 2005 page 7 of 8
10
20
200
100
50
500
0.5
0.2
0.1
Collector Current IC (mA)
Transfer Admittance vs.
Collector Current
2
1.0
5
VCE = 6 V
f = 100 MHz
bre
bre
bfe
bfe
gfe
gfe



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com