Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1214 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC1214
Description  Silicon NPN Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1214 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC1214 Datasheet HTML 1Page - Renesas Technology Corp 2SC1214 Datasheet HTML 2Page - Renesas Technology Corp 2SC1214 Datasheet HTML 3Page - Renesas Technology Corp 2SC1214 Datasheet HTML 4Page - Renesas Technology Corp 2SC1214 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC1214
Rev.2.00 Aug 10, 2005 page 3 of 4
Main Characteristics
0
20
40
60
80
100
4
2
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics (1)
68
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1 mA
IB = 0
P
C
=
400
mW
0
100
200
300
400
500
4
2
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics (2)
68
10
2
3
4
5
6
7
8
IB = 0
1 mA
P
C = 400
mW
9
10
0
0.3
1.0
3
10
30
0.4
0.2
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
0.6
0.8
1.0
1.2
VCE = 3 V
2
0
20
60
40
80
100
140
120
20
510
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
50 100 200
500
VCE = 3 V
Ta = 25
°C
150
100
50
Ambient Temperature Ta (°C)
0
900
600
300
Maximum Collector Dissipation Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com