Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1345 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC1345
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1345 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC1345 Datasheet HTML 1Page - Renesas Technology Corp 2SC1345 Datasheet HTML 2Page - Renesas Technology Corp 2SC1345 Datasheet HTML 3Page - Renesas Technology Corp 2SC1345 Datasheet HTML 4Page - Renesas Technology Corp 2SC1345 Datasheet HTML 5Page - Renesas Technology Corp 2SC1345 Datasheet HTML 6Page - Renesas Technology Corp 2SC1345 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC1345
Rev.3.00 Aug 10, 2005 page 4 of 6
1
2
5
10
12
Emitter to Base Voltage VEB (V)
Emitter Input Capacitance vs.
Emitter to Base Voltage
510
IC = 0
f= 1 MHz
3
0.01
0.003
0.001
Collector Current IC (mA)
Contours of Constant Noise Figure
0.03
0.1
0.3
1.0
3.0
10
dB
8 dB
6 dB
4 dB
2 dB
1 dB
VCE = 6 V
f = 10 Hz
1.0
0.3
0.1
30
10
100
3
0.01
0.003
0.001
Collector Current IC (mA)
Contours of Constant Noise Figure
0.03
0.1
0.3
1.0
3.0
8 dB
6 dB
4 dB
2 dB
VCE = 6 V
f = 120 Hz
1.0
0.3
0.1
30
10
100
3
0.01
0.003
0.001
Collector Current IC (mA)
Contours of Constant Noise Figure
0.03
0.1
0.3
1.0
3.0
10
dB
8 dB
6 dB
4 dB
2 dB
2 dB
4 d
B
6 dB
8 dB
10
dB
1 dB
1 dB
VCE = 6 V
f = 1 kHz
1.0
0.3
0.1
30
10
100
0
4
8
6
2
10
12
20
10
50
Frequency f (Hz)
Noise Figure vs. Frequency
100
200
500
1 k
VCE = 6 V
IC = 0.1 mA
Rg = 10 kΩ
0
4
6
2
8
10
2
15
Collector to Emitter Voltage VCE (V)
Noise Figure vs. Collector to
Emitter Voltage
10
20
50
IC = 0.1 mA
f = 10 Hz
Rg = 10 kΩ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com