Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C458 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # C458
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

C458 Datasheet(HTML) 5 Page - Renesas Technology Corp

  C458 Datasheet HTML 1Page - Renesas Technology Corp C458 Datasheet HTML 2Page - Renesas Technology Corp C458 Datasheet HTML 3Page - Renesas Technology Corp C458 Datasheet HTML 4Page - Renesas Technology Corp C458 Datasheet HTML 5Page - Renesas Technology Corp C458 Datasheet HTML 6Page - Renesas Technology Corp C458 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SC458 (LG), 2SC2310
3
Electrical Characteristics (Ta = 25°C)
2SC458 (LG)
2SC2310
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
30
—
—
55
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
30
—
—
50
—
—
V
I
C = 1 mA, RBE =
Emitter to base
breakdown voltage
V
(BR)EBO
5
—
—5
——
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
0.5
—
—
0.5
µA
V
CB =18 V, IE = 0
Emitter cutoff current
I
EBO
—
—
0.5
—
—
0.5
µA
V
EB = 2 V, IC = 0
DC current transfer ratio h
FE*
1
100
—
500
100
—
320
V
CE = 12 V, IC = 2 mA
Collector to emitter
saturation voltage
V
CE(sat)
—
—
0.2
—
—
0.2
V
I
C = 10 mA, IB = 1 mA
Base to emitter voltage
V
BE
—
0.67
0.75
—
0.67
0.75
V
V
CE = 12 V, IC = 2 mA
Gain bandwidth product f
T
—
230
—
—
230
—
MHz
V
CE = 12 V, IC = 2 mA
Collector output
capacitance
Cob
—
1.8
3.5
—
1.8
3.5
pF
V
CB = 10 V, IE = 0,
f = 1 MHz
Noise figure
NF
—
3
5
—
3
5
dB
V
CE = 6 V, IC = 0.1 mA,
f = 120 Hz, R
g = 500 Ω
Small signal input
impedance
h
ie
—
16.5
—
—
16.5
—
k
Ω
V
CE = 5V, IC = 0.1mA,
f = 270 Hz
Small signal voltage
feedback ratio
h
re
—
70
——70
—
× 10–6
Small signal current
transfer ratio
h
fe
—
130
—
—
130
—
Small signal output
admittance
h
oe
—
11.0
—
—
11.0
—
µS
Note:
1. The 2SC458 (LG) and 2SC2310 are grouped by h
FE as follows.
BC
D
2SC458 (LG) 100 to 200
160 to 320
250 to 500
2SC2310
100 to 200
160 to 320
—



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com