Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C458 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # C458
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

C458 Datasheet(HTML) 10 Page - Renesas Technology Corp

  C458 Datasheet HTML 1Page - Renesas Technology Corp C458 Datasheet HTML 2Page - Renesas Technology Corp C458 Datasheet HTML 3Page - Renesas Technology Corp C458 Datasheet HTML 4Page - Renesas Technology Corp C458 Datasheet HTML 5Page - Renesas Technology Corp C458 Datasheet HTML 6Page - Renesas Technology Corp C458 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 7 page
background image
2SC458 (LG), 2SC2310
8
Package Dimensions
0.60 Max
0.55Max
4.8
± 0.4
3.8
± 0.4
0.5Max
1.27
2.54
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
TO-92 (1)
Conforms
Conforms
0.25 g
As of January, 2001
Unit: mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com