Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1515K Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC1515K
Description  Silicon NPN Triple Diffused
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1515K Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC1515K Datasheet HTML 1Page - Renesas Technology Corp 2SC1515K Datasheet HTML 2Page - Renesas Technology Corp 2SC1515K Datasheet HTML 3Page - Renesas Technology Corp 2SC1515K Datasheet HTML 4Page - Renesas Technology Corp 2SC1515K Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC1515(K)
Rev.2.00 Aug 10, 2005 page 3 of 4
Main Characteristics
0
100
200
300
50
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
100
150
0
4
12
8
20
16
48
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
12
16
20
40
100
120
140
160
180
20
µA
IB = 0
60
80
P
C
=
200
mW
200
0
10
1.0
0.1
100
1,000
40
80
Ambient Temperature Ta (°C)
Collector Cutoff Current vs.
Ambient Temperature
120
160
200
VCB = 20 V
1
40
20
0
80
60
100
310
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
30
100
VCE = 6 V
0
80
40
160
120
200
20
40
Ambient Temperature Ta (°C)
DC Current Transfer Ratio vs.
Ambient Temperature
60
80
100
VCE = 6 V
IC = 10 mA
0.5
0.6
0.4
0.2
0
0.8
1.2
1.0
1.0
2.0
Collector Current IC (mA)
Collector to Emitter Saturation
Voltage vs. Collector Current
5.0
10
20
50
IC = 10 IB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com