Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1907 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC1907
Description  Silicon NPN Epitaxial Planar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1907 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC1907 Datasheet HTML 1Page - Renesas Technology Corp 2SC1907 Datasheet HTML 2Page - Renesas Technology Corp 2SC1907 Datasheet HTML 3Page - Renesas Technology Corp 2SC1907 Datasheet HTML 4Page - Renesas Technology Corp 2SC1907 Datasheet HTML 5Page - Renesas Technology Corp 2SC1907 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC1907
Rev.2.00 Aug 10, 2005 page 4 of 5
–60
–50
–40
–30
–20
–10
0
510
015
Input Conductance gib (mS)
Input Admittance Characteristics
20
25
30
VCB = 10 V
Output end short
yib = gib+jbib
I
C = 5 mA
1,200 MHz
1,000
600
10
mA
15
mA
400
900
800
–6
–5
–4
–3
–2
–1
0
–1.0
–0.8
–1.2
–0.6
Reverse Transfer Conductance grb (mS)
Reverse Transfer Admittance
Characteristics
–0.4
–0.2
0
VCB = 10 V
Input end short
yrb = grb+jbrb
400 MHz
600
800
900
1,000
1,200
0
10
20
30
40
50
60
–20
–10
–30
0
Forward Transfer Conductance gfb (mS)
Forward Transfer Admittance
Characteristics
10
20
30
VCB = 10 V
Output end short
yfb = gfb+jbfb
400 MHz
600
800
900
1,000
1,200
10
mA
5 mA
0
10
5
15
1.5
3.0
Output Conductance gob (mS)
Output Admittance Characteristics
4.5
6.0
7.5
VCB = 10 V
Input end short
yob = gob+jbob
400 MHz
600
800
900
1,000
1,200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com