Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2309 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC2309
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2309 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC2309 Datasheet HTML 1Page - Renesas Technology Corp 2SC2309 Datasheet HTML 2Page - Renesas Technology Corp 2SC2309 Datasheet HTML 3Page - Renesas Technology Corp 2SC2309 Datasheet HTML 4Page - Renesas Technology Corp 2SC2309 Datasheet HTML 5Page - Renesas Technology Corp 2SC2309 Datasheet HTML 6Page - Renesas Technology Corp 2SC2309 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC2309
Rev.2.00 Aug 10, 2005 page 3 of 6
Main Characteristics
0
4
6
2
8
10
8
4
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
12
16
20
24
26
24
18
16
10
8
6
4
2
µA
IB = 0
P
C
=
200
mW
14
12
22
20
0.01 0.02 0.05 0.1 0.2
0.5 1.0
2
5
10 20
50
400
500
300
200
600
700
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
Ta =
75°
C
25
VCE = 12 V
0
2
3
1
4
5
0.2
0.4
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
0.6
0.8
1.0
VCE = 12 V
0.4
0.6
0.7
0.5
0.8
0.9
0
-20
20
Ambient Temperature Ta (°C)
Base to Emitter Voltage vs. Ambient
Temperature
40
60
80
VCE = 12 V
IC = 2 mA
1
2
5
10
12
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
510
IE = 0
f= 1 MHz
150
100
50
Ambient Temperature Ta (°C)
0
150
200
250
100
50
Maximum Collector Dissipation Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com