Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29468P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD29468P
Description  Triple Line Drivers/Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29468P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD29468P Datasheet HTML 1Page - Renesas Technology Corp HD29468P Datasheet HTML 2Page - Renesas Technology Corp HD29468P Datasheet HTML 3Page - Renesas Technology Corp HD29468P Datasheet HTML 4Page - Renesas Technology Corp HD29468P Datasheet HTML 5Page - Renesas Technology Corp HD29468P Datasheet HTML 6Page - Renesas Technology Corp HD29468P Datasheet HTML 7Page - Renesas Technology Corp HD29468P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD29468
Rev.2.00, Jul.16.2004, page 2 of 7
Function Table
Driver
Receiver
IInput
Output
Input
Output
DI
DE1
DE2
DO
RI
RO
LX
X
L
L
H
XL
X
L
H
L
XX
L
L
HH
H
H
H :
High level
L
:
Low level
X :
Immaterial
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply Voltage
V
CC
+7
V
Driver Input Voltage
V
ID
–0.5 to +7
V
Driver Output Voltage
V
OD
–0.5 to +7
V
Receiver Input Voltage
V
IR
–0.5 to +7
V
Power Dissipation (Ta = 25°C)*
1
DP
1000
mW
FP
785
Operating Temperature
Ta
0 to +75
°C
Storage Temperature
Tstg
–65 to +150
°C
Notes: 1. The above data were taken by the
∆V
BE method,mounting on a glass epoxy board (40 × 40 × 1.6 mm) of 10%
wiring density.
2. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
4.75
5.00
5.25
V
Operating Temperature
Ta
0
—
75
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com