Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8303DBYN Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM8303DBYN
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303DBYN Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM8303DBYN Datasheet HTML 9Page - Power Analog Micoelectronics PAM8303DBYN Datasheet HTML 10Page - Power Analog Micoelectronics PAM8303DBYN Datasheet HTML 11Page - Power Analog Micoelectronics PAM8303DBYN Datasheet HTML 12Page - Power Analog Micoelectronics PAM8303DBYN Datasheet HTML 13Page - Power Analog Micoelectronics PAM8303DBYN Datasheet HTML 14Page - Power Analog Micoelectronics PAM8303DBYN Datasheet HTML 15Page - Power Analog Micoelectronics PAM8303DBYN Datasheet HTML 16Page - Power Analog Micoelectronics PAM8303DBYN Datasheet HTML 17Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
amplifier off when logic low is placed on the
pin. By switching the shutdown pin connected to
GND, the PAM8303D supply current draw will be
minimized in idle mode.
°C
internal
associated
(VDD and PVDD)
(10 F
or greater)
Output filter - The ferrite EMI filter should be
placed as close to the output terminals as
possible for the best EMI performance, and the
capacitors used in the filters should be grounded
to system ground.
SD
μ
Under Voltage Lock-out (UVLO)
Short Circuit Protection (SCP)
Over Temperature Protection (OTP)
POP and Click Circuitry
PCB Layout Guidelines
Grounding
Power Supply Line
Components Placement
The PAM8303D incorporates circuitry designed
to detect low supply voltage. When the supply
voltage drops to 2.3V or below, the PAM8303D
goes into a state of shutdown, and the device
comes out of its shutdown state and restore to
normal function only when reset the power
supply or
pin.
The PAM8303D has short circuit protection
circuitry on the outputs to prevent the device
from damage when output-to-output shorts or
output-to-GND shorts occur. When a short circuit
occurs, the device i mmediately goes into
shutdown state. Once the short is removed, the
device will be reactivated.
Thermal protection on the PAM8303D prevents
the device from damage when the internal die
temperature exceeds 135°C. There is a 15
tolerance on this trip point from device to device.
Once the die temperature exceeds the set point,
the device will enter the shutdown state and the
outputs are disabled. This is not a latched fault.
The
t hermal
f ault
is
cleared
once
t he
temperature of the die decreased by 30
. This
large hysteresis will prevent motor boating sound
well and the device begins normal operation at
this point with no external system interaction.
The PAM8303D contains circuitry to minimize
turn-on and turn-off transients or “click and
pops”, where turn-on refers to either power
supply turn-on or device recover from shutdown
mode. When the device is turned on, the
amplifiers are internally muted. An internal
current source ramps up the
reference
voltage. The device will remain in mute mode
until the reference voltage reach half supply
voltage, 1/2 VDD. As soon as the reference
voltage is stable, the device will begin full
operation.
For
t he
best
power-of f
pop
performance, the amplifier should be set in
shutdown mode prior to removing the power
supply voltage.
It is recommended to use plane grounding or
separate g rounds. D o not use one line
connecting power GND and analog GND. Noise
currents in the output power stage need to be
returned to output noise ground and nowhere
else. When these currents circulate elsewhere,
they may get into the power supply, or the signal
ground, etc, even worse, they may form a loop
and radiate noise. Any of these instances results
in degraded amplifier performance. The output
noise ground that the logical returns for the
output noise currents
with class D
switching must tie to system ground at the power
exclusively. Signal currents for the inputs,
reference need to be returned to quite ground.
This ground only ties to the signal components
and the GND pin. GND then ties to system
ground.
As same to the ground, VDD and PVDD need to
be separately connected to the system power
supply. It is recommended that all the trace could
be routed as short and thick as possible. For the
power line layout, just imagine water stream, any
barricade placed in the trace (shown in figure 2)
could result in the bad performance of the
amplifier.
Figure 2: Power Line
Decoupling capacitors-As previously described,
the high-frequency 1 F decoupling capacitors
should be placed as close to the power supply
terminals
as possible. Large
bulk power supply decoupling capacitors
should be placed near the PAM8303D
on the PVDD terminal.
Input resistors and capacitors need to be placed
very close to input pins.
SD
μ
°C
13
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com