Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8303DASN Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM8303DASN
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303DASN Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM8303DASN Datasheet HTML 7Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 8Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 9Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 10Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 11Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 12Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 13Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 14Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 15Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
17. OSC Frequency
100
120
140
160
180
200
220
240
260
280
300
33.5
44.5
5
Supply Voltage (V)
18. Rdson vs Supply Voltage
PMOS
NOMS
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
19. Start-up from Shutdown
SD
Output
200
210
220
230
240
250
260
270
280
290
300
2.7
3.4
4.1
4.8
5.5
Supply Voltage (V)
Typical Operating Characteristics
T =25 C, V =5V,
Gain=2V/V, unless otherwise noted
ADD
°
.
f=1kHz,
Input ac-ground
Isw=500mA
100% duty cycle
09/2008 Rev 1.4
Notes
1. The AP AUX-0025 low pass filter is necessary for class-D amplifier measurement with AP analyzer.
2. Two 22μH inductors are used in series with load resistor to emulate the small speaker for efficiency
measurement.
Test Setup for Performance Testing
AP System One
Generator
PAM8303D Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System One
Analyzer
GND
-OUT
VDD
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com