Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF24NM65N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF24NM65N
Description  N-channel 650 V - 0.16 廓 - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh??Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF24NM65N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF24NM65N Datasheet HTML 3Page - STMicroelectronics STF24NM65N Datasheet HTML 4Page - STMicroelectronics STF24NM65N Datasheet HTML 5Page - STMicroelectronics STF24NM65N Datasheet HTML 6Page - STMicroelectronics STF24NM65N Datasheet HTML 7Page - STMicroelectronics STF24NM65N Datasheet HTML 8Page - STMicroelectronics STF24NM65N Datasheet HTML 9Page - STMicroelectronics STF24NM65N Datasheet HTML 10Page - STMicroelectronics STF24NM65N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STB24NM65N-STI24NM65N-STF24NM65N-STP/W24NM65N
Electrical characteristics
7/19
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220 -
D2PAK - I2PAK
Figure 3.
Thermal impedance for TO-220 -
D2PAK - I2PAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Safe operating area for TO-247
Figure 7.
Thermal impedance for TO-247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com