Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS60L30 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS60L30
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60L30 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS60L30 Datasheet HTML 1Page - STMicroelectronics STPS60L30 Datasheet HTML 2Page - STMicroelectronics STPS60L30 Datasheet HTML 3Page - STMicroelectronics STPS60L30 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1E-3
1E-2
1E-1
1E+0
0
50
100
150
200
250
300
350
400
450
500
IM(A)
Tc=25°C
Tc=125°C
Tc=75°C
t(s)
IM
t
δ=0.5
Fig. 3: Non repetitive surge peak forward current
versus overload duration (maximum values) (per
diode).
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Zth(j-c)/Rth(j-c)
δ=0.1
δ=0.2
δ=0.5
Single pulse
tp(s)
T
δ=tp/T
tp
Fig. 4: Relative variation of thermal impedance
junction to case versus pulse duration.
0
5
10
15
20
25
30
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
2E+3
IR(mA)
Tj=125°C
Tj=25°C
Tj=150°C
VR(V)
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values) (per diode).
12
5
10
20
50
1
2
5
10
C(nF)
F=1MHz
Tj=25°C
VR(V)
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values) (per diode).
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
1
10
100
200
IFM(A)
Tj=150°C
(typical values)
Tj=125°C
Tj=25°C
VFM(V)
Fig. 7: Forward voltage drop versus forward
current (maximum values - per diode).
STPS60L30CW
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com