Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC00TELL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LVC00TELL
Description  Quad. 2-input NAND Gates
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC00TELL Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LVC00TELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC00TELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC00TELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC00TELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC00TELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC00TELL Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HD74LVC00
Rev.3.00 Jul. 22, 2004 page 2 of 5
Pin Arrangement
(Top view)
11
12
13
14 VCC
4B
4A
4Y
3B
3A
1
2
3
4
5
6
7
8
9
10
1A
GND
1B
1Y
2A
2B
2Y
3Y
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
–0.5 to 6.0
V
Input diode current
IIK
–50
mA
VI = –0.5 V
Input voltage
VI
–0.5 to 6.0
V
–50
mA
VO = –0.5 V
Output diode current
IOK
50
mA
VO = VCC+0.5 V
Output voltage
VO
–0.5 to VCC+0.5
V
Output current
IO
±50
mA
VCC, GND current / pin
ICC or IGND
100
mA
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
1.5 to 5.5
Data retention
Supply voltage
VCC
2.0 to 5.5
V
At operation
VI
0 to 5.5
A, B
Input / Output voltage
VO
0 to VCC
V
Y
Operating temperature
Ta
–40 to 85
°C
–12
VCC = 2.7 V
IOH
–24*
2
VCC = 3.0 V to 5.5 V
12
VCC = 2.7 V
Output current
IOL
24*
2
mA
VCC = 3.0 V to 5.5 V
Input rise / fall time *
1
tr, tf
10
ns/V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
2. Duty cycle
≤ 50%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com