Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC1G53CLE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LVC1G53CLE
Description  2-channel Analog Multiplexer/Demultiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC1G53CLE Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LVC1G53CLE Datasheet HTML 1Page - Renesas Technology Corp HD74LVC1G53CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC1G53CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC1G53CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC1G53CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC1G53CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC1G53CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC1G53CLE Datasheet HTML 8Page - Renesas Technology Corp HD74LVC1G53CLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HD74LVC1G53
Rev.3.00 Jul. 02, 2004 page 2 of 12
Pin Arrangement
(Bottom view)
(Top view)
COM
16
2
34
Y0
Height 0.5 mm
0.5 mm pitch
0.17 mm 6–Ball (CP)
0.23 mm 6–Ball (CL)
0.9 mm
GND
VCC
Y1
A
5
Pin#1 INDEX
Logic Diagram
Y1
A
1
6
Y0
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com