Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC1G97CLE Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LVC1G97CLE
Description  Configurable Multiple-Function Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC1G97CLE Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LVC1G97CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC1G97CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC1G97CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC1G97CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC1G97CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC1G97CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC1G97CLE Datasheet HTML 8Page - Renesas Technology Corp HD74LVC1G97CLE Datasheet HTML 9Page - Renesas Technology Corp HD74LVC1G97CLE Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HD74LVC1G97
Rev.4.00 Jun. 29, 2004 page 6 of 10
Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test condition
1.8
0.8
—
1.4
2.5
1.2
—
1.7
3.3
1.6
—
2.3
VT
+
5.0
2.3
—
3.0
1.8
0.4
—
0.7
2.5
0.6
—
1.0
3.3
0.9
—
1.4
VT
–
5.0
1.5
—
2.0
1.8
0.4
—
0.7
2.5
0.4
—
0.8
3.3
0.4
—
0.9
Threshold voltage
∆VT
5.0
0.4
—
1.0
V
1.65 to 5.5
VCC–0.1
—
—
IOH = 100
µA
1.65
1.2
—
—
IOH = –4 mA
2.3
1.9
—
—
IOH = –8 mA
2.4
—
—
IOH = –16 mA
3.0
2.3
—
—
IOH = –24 mA
VOH
4.5
3.8
—
—
IOH = –32 mA
1.65 to 5.5
—
—
0.1
IOL = 100
µA
1.65
—
—
0.45
IOL = 4 mA
2.3
—
—
0.3
IOL = 8 mA
—
—
0.4
IOL = 16 mA
3.0
0.55
IOL = 24 mA
Output voltage
VOL
4.5
—
—
0.55
V
IOL = 32 mA
Input current
IIN
0 to 5.5
—
—
±5
µAVIN = 5.5 V or GND
ICC
5.5
—
—
10
VIN = VCC or GND,
IO = 0
Quiescent
supply current
∆ICC
3 to 5.5
—
—
500
µA
One input at VCC–0.6 V,
Other input at VCC or
GND
Output leakage
current
IOFF
0
—
—±10
µAVIN or VO = 0 to 5.5 V
Input capacitance
CIN
3.3
—
3.5
—
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com