Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC02FPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LVC02FPEL
Description  Quad. 2-input NOR Gates
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC02FPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LVC02FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC02FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC02FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC02FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC02FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC02FPEL Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HD74LVC02
Rev.3.00 Jul. 22, 2004 page 3 of 5
Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Max
Unit
Test Conditions
2.7 to 3.6
2.0
—
VIH
4.5 to 5.5
VCC
×0.7 —
2.7 to 3.6
—
0.8
Input voltage
VIL
4.5 to 5.5
—
VCC
×0.3
V
2.7 to 5.5
VCC–0.2
—
IOH = –100 µA
2.7
2.2
—
IOH = –12 mA
3.0
2.4
—
IOH = –12 mA
3.0
2.0
—
IOH = –24 mA
VOH
4.5
3.8
—
V
IOH = –24 mA
2.7 to 5.5
—
0.2
IOL = 100 µA
2.7
—
0.4
IOL = 12 mA
3.0
—
0.55
IOL = 24 mA
Output voltage
VOL
4.5
—
0.55
V
IOL = 24 mA
Input current
IIN
0 to 5.5
—
±5.0
µA
VIN = 5.5 V or GND
ICC
5.5
—
20
µA
VIN = VCC or GND
Quiescent supply current
∆ICC
3.0 to 3.6
—
500
µA
VIN = one input at (VCC–0.6)V,
other inputs at VCC or GND
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
2.7
—
4.5
7.0
3.3±0.3
1.5
3.5
6.0
Propagation delay time
tPLH
tPHL
5.0±0.5
—
2.5
5.0
ns
A or B
Y
Input capacitance
CIN
2.7
—
3.0
—
pF
Output capacitance
CO
2.7
—
15.0
—
pF
Test Circuit
Input
Pulse Generator
Z
= 50
out
Ω
VCC
Output
C =
50 pF
L
50
Scope
Ω
450
Ω
Note:
1.
CL includes probe and jig capacitance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com