Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2G66CPE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LVC2G66CPE
Description  2-channel Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G66CPE Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LVC2G66CPE Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G66CPE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G66CPE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G66CPE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G66CPE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G66CPE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G66CPE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G66CPE Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2G66CPE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HD74LVC2G66
Rev.3.00 Jul 07, 2005 page 2 of 11
Pin Arrangement
(Bottom view)
(Top view)
IN/OUT2
27
3
45
GND
Height 0.5 mm
0.5 mm pitch
0.17 mm 8–Ball (CP)
0.23 mm 8–Ball (CL)
0.9 mm
CONT2
OUT/IN2
OUT/IN1
CONT1
6
18
IN/OUT1
VCC
Pin#1 INDEX
Logic Diagram
IN/OUT1
OUT/IN1
CONT1
one of two switches
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Test Conditions
Supply voltage range
VCC
–0.5 to 6.5
V
Input voltage range
*1
VI
–0.5 to 6.5
V
Output voltage range
*1, 2
VO
–0.5 to VCC +0.5
V
Output : H or L
Input clamp current
IIK
–50
mA
VI < 0
Output clamp current
IOK
–50
mA
VO < 0
Continuous output current
IO
±50
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±100
mA
140
CP
Package Thermal impedance
θja
102
°C/W
CL
Storage temperature
Tstg
–65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two
of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com