Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2G66CLE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVC2G66CLE
Description  2-channel Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G66CLE Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVC2G66CLE Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HD74LVC2G66
Rev.3.00 Jul 07, 2005 page 4 of 11
Electrical Characteristics
• Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test condition
1.65 to 1.95
VCC
×0.65
—
—
2.3 to 2.7
VCC
×0.7
—
—
3.0 to 3.6
VCC
×0.7
—
—
VIH
4.5 to 5.5
VCC
×0.7
—
—
1.65 to 1.95
—
—
VCC
×0.35
2.3 to 2.7
—
—
VCC
×0.3
3.0 to 3.6
—
—
VCC
×0.3
Input voltage
VIL
4.5 to 5.5
—
—
VCC
×0.3
V
1.65
—
12.5
30
IS = 4 mA
2.3
—
9
20
IS = 8 mA
3.0
—
7.5
15
IS = 24 mA
On–state switch
resistance
RON
4.5
—
6
10
IS = 32 mA
VI=VCC or GND
1.65
—
85
120
IS = 4 mA
2.3
—
22
30
IS = 8 mA
3.0
—
12
20
IS = 24 mA
Peak on resistance
RON(P)
4.5
—
7.5
15
IS = 32 mA
VI=VCC to GND
1.65
—
—
7
IS = 4 mA
2.3
—
—
5
IS = 8 mA
3.0
—
—
3
IS = 24 mA
Difference of
on-state resistance
between switches
∆RON
4.5
—
—
2
Ω
IS = 32 mA
VI=VCC to GND
—
—
±1.0
Off-state switch
leakage current
IS (OFF)
5.5
—
—
±0.1*
1
µA
VI = VCC and VO = GND or
VI = GND and VO = VCC,
VC = VIL
—
—
±1.0
On-state switch
leakage current
IS (ON)
5.5
—
—
±0.1*
1
µA
VI = VCC or GND, VC = VIH
VO = Open
—
—
±1.0
Control input
current
IIN
5.5
—
—
±0.1*
1
µA
VIN = VCC or GND
—
—
10
ICC
5.5
—
—
1.0*
1
µA
VIN = VCC or GND
Quiescent
supply current
∆ICC
5.5
—
—
500
µA
VC = VCC–0.6 V
Control input
capacitance
CIC
5.0
—
3.5
—
pF
CI/O(OFF)
5.0
—
6.0
—
Switch terminal
capacitance
CI/O(ON)
5.0
—
14.0
—
pF
Note:
1. Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com