Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC74 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVC74
Description  Dual D-type Flip Flops with Preset and Clear
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC74 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVC74 Datasheet HTML 1Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 2Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 3Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LVC74
Rev.4.00 Jul. 22, 2004 page 4 of 6
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
2.7
150.0
—
—
3.3±0.3
150.0
—
—
Maximum clock frequency
fmax
5.0±0.5
150.0
—
—
MHz
2.7
—
6.0
9.0
3.3±0.3
1.5
5.0
8.0
tPLH
tPHL
5.0±0.5
—
4.0
6.5
ns
CLK
Q,
Q
2.7
—
6.5
9.0
3.3±0.3
1.5
5.0
8.0
Propagation delay time
tPLH
tPHL
5.0±0.5
—
4.0
6.5
ns
PR or CLR Q,
Q
2.7
4.0
—
—
3.3±0.3
3.0
—
—
Setup time
tsu
5.0±0.5
3.0
—
—
ns
2.7
2.0
—
—
3.3±0.3
2.0
—
—
Hold time
th
5.0±0.5
2.0
—
—
ns
2.7
4.0
—
—
3.3±0.3
4.0
—
—
5.0±0.5
4.0
—
—
CK
2.7
6.0
—
—
3.3±0.3
5.0
—
—
Pulse width
tw
5.0±0.5
4.0
—
—
ns
PR or CLR
2.7
3.0
—
—
3.3±0.3
2.0
—
—
Recovery time
trec
5.0±0.5
2.0
—
—
ns
Input capacitance
CIN
2.7
—
3.0
—
pF
Output capacitance
CO
2.7
—
15.0
—
pF
Test Circuit
Input
Input
Pulse Generator
Z
= 50
out
Ω
Z
= 50
out
Ω
VCC
PR
D
CK
CLR
Q
Output Q
C =
50 pF
L
50
Scope
Ω
450
Ω
C =
50 pF
L
50
Scope
Ω
450
Ω
Q
Output Q
Pulse Generator
Notes:
1.
CL includes probe and jig capacitance.
2.
Test is put into the each flip flops.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com