Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS640CF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS640CF
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS640CF Datasheet(HTML) 3 Page - STMicroelectronics

  STPS640CF Datasheet HTML 1Page - STMicroelectronics STPS640CF Datasheet HTML 2Page - STMicroelectronics STPS640CF Datasheet HTML 3Page - STMicroelectronics STPS640CF Datasheet HTML 4Page - STMicroelectronics STPS640CF Datasheet HTML 5Page - STMicroelectronics STPS640CF Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
T
δ=tp/T
tp
Fig. 4.1: Relative variation of thermal transient
impedance junction to case versus pulse duration
(TO-220AB / DPAK).
1E-3
1E-2
1E-1
1E+0
0
5
10
15
20
25
30
35
40
t(s)
IM(A)
Tc=75
°C
Tc=130
°C
Tc=100
°C
IM
t
δ=0.5
Fig. 3-2: Non repetitive surge peak forward current
versus overload duration.
(Maximum values, per diode) (ISOWATT220AB).
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 4-2: Relative variation of thermal transient
impedance junction to case versus pulse duration
(ISOWATT220AB).
0
5
10
15
20
25
30
35
40
1E-5
1E-4
1E-3
1E-2
VR(V)
IR(A)
Tj=150
°C
Tj=75
°C
Tj=100
°C
Tj=125
°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values, per diode).
1E-3
1E-2
1E-1
1E+0
0
5
10
15
20
25
30
35
40
45
t(s)
IM(A)
Tc=75
°C
Tc=135
°C
Tc=100
°C
IM
t
δ=0.5
Fig. 3-1: Non repetitive surge peak forward current
versus overload duration.
(Maximum values, per diode) (TO-220AB/ DPAK).
12
5
10
20
50
10
100
500
VR(V)
C(pF)
F=1MHz
Tj=25
°C
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values, per diode).
STPS640CT/CF/CB
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com