Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC374A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LVC374A
Description  Octal D-type Flip Flops with 3-state Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC374A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVC374A Datasheet HTML 1Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 2Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 3Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 4Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 5Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 6Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 7Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.4.00 Jul. 27, 2004 page 1 of 7
HD74LVC374A
Octal D-type Flip Flops with 3-state Outputs
REJ03D0355–0400Z
(Previous ADE-205-113B (Z))
Rev.4.00
Jul. 27, 2004
Description
The HD74 LVC374A has eight edge trigger D type flip flops with three state outputs in a 20 pin package. Data at the
D inputs meeting set up requirements are transferred to the Q outputs on positive going transitions of the clock input.
When the clock input goes low, data at the D inputs will be retained at the outputs until clock input returns high again.
When a high logic level is applied to the output control input, all outputs go to a high impedance state, regardless of
what signals are present at the other inputs and the state of the storage elements. Low voltage and high-speed operation
is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a
battery for long time operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
OUT (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25 °C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVC374AFPEL
SOP–20 pin (JEITA)
FP–20DAV
FP
EL (2,000 pcs/reel)
HD74LVC374ATELL
TSSOP–20 pin
TTP–20DAV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
G
CK
D
Output Q
HX
X
Z
L
↑
LL
L
↑
HH
LL
X
Q0
H:
High level
L:
Low level
X:
Immaterial
Z:
High impedance
↑ :
Low to high transition
Q0:
Level of Q before the indicated steady input conditions were established.


Similar Part No. - HD74LVC374A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
More results

Similar Description - HD74LVC374A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
Octal D Type Flip Flops With 3 State Outputs
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LV574A RENESAS-HD74LV574A Datasheet
84Kb / 8P
Octal D-type Flip-Flops with 3-state Outputs
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
HD74HCT564 RENESAS-HD74HCT564 Datasheet
121Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC564 RENESAS-HD74HC564 Datasheet
120Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com