Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC541AFPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LVC541AFPEL
Description  Octal Buffers / Line Drivers with 3-state Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC541AFPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVC541AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC541AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC541AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC541AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC541AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC541AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC541AFPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.5.00 Jul. 28, 2004 page 1 of 6
HD74LVC541A
Octal Buffers / Line Drivers with 3-state Outputs
REJ03D0359–0500Z
(Previous ADE-205-115B (Z))
Rev.5.00
Jul. 28, 2004
Description
The HD74LVC541A has eight line drivers with three state outputs in a 20 pin package. When
G1 and G2 is low level,
this drivers set up output is enable. Low voltage and high-speed operation is suitable at the battery drive product (note
type personal computer) and low power consumption extends the life of a battery for long time operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
OUT (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVC541AFPEL
SOP–20 pin (JEITA)
FP–20DAV
FP
EL (2,000 pcs/reel)
HD74LVC541ATELL
TSSOP–20 pin
TTP–20DAV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
G1
G2A
Output Y
LL
L
L
LL
H
H
HX
X
Z
XH
X
Z
H:
High level
L:
Low level
X:
Immaterial
Z:
High impedance


Similar Part No. - HD74LVC541AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC541A HITACHI-HD74LVC541A Datasheet
47Kb / 9P
Octal Buffers / Line Drivers with 3-state Outputs
More results

Similar Description - HD74LVC541AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Renesas Technology Corp
HD74LVC240A RENESAS-HD74LVC240A Datasheet
189Kb / 7P
Octal Buffers / Line Drivers with 3-state Outputs
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
HD74BC244A RENESAS-HD74BC244A Datasheet
120Kb / 9P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com