Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC574AFPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LVC574AFPEL
Description  Octal D-type Flip Flops with 3-state Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC574AFPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LVC574AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC574AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC574AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC574AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC574AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC574AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC574AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LVC574AFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74LVC574A
Rev.4.00 Jul. 29, 2004 page 3 of 7
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
1.5 to 5.5
Data hold
Supply voltage
VCC
2.0 to 5.5
V
At operation
VI
0 to 5.5
V
OC, CK, D
0 to VCC
Output "H" or "L"
Input / output voltage
VO
0 to 5.5
V
Output "Z" or VCC:OFF
Operating temperature
Ta
–40 to 85
°C
–12
VCC = 2.7 V
IOH
–24*
2
mA
VCC = 3.0 V to 5.5 V
12
VCC = 2.7 V
Output current
IOL
24
*2
mA
VCC = 3.0 V to 5.5 V
Input rise / fall time
*1
tr, tf
10
ns/V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
2. Duty cycle
≤ 50%
Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Max
Unit
Test Conditions
2.7 to 3.6
2.0
—
VIH
4.5 to 5.5
VCC
×0.7 —
V
2.7 to 3.6
—
0.8
Input voltage
VIL
4.5 to 5.5
—
VCC
×0.3
V
2.7 to 5.5
VCC–0.2
—
IOH = –100
µA
2.7
2.2
—
3.0
2.4
—
IOH = –12 mA
3.0
2.2
—
VOH
4.5
3.8
—
V
IOH = –24 mA
2.7 to 5.5
—
0.2
IOL = 100
µA
2.7
—
0.4
IOL = 12 mA
3.0
—
0.55
Output voltage
VOL
4.5
—
0.55
V
IOL = 24 mA
Input current
IIN
0 to 5.5
—
±5.0
µAVIN = 5.5 V or GND
Off state output current
IOZ
2.7 to 5.5
—
±5.0
µAVIN = VCC, GND
VOUT = 5.5 V or GND
Output leak current
IOFF
0—
20
µAVIN / VOUT = 5.5 V
2.7 to 3.6
—
±10
VIN / VOUT = 3.6 to 5.5 V
ICC
2.7 to 5.5
—
10
µA
VIN = VCC or GND
Quiescent supply current
∆ICC
3.0 to 3.6
—
500
µAVIN = one input at(VCC–0.6)V,
other inputs at VCC or GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com