Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2244AFPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LVC2244AFPEL
Description  Octal Buffers / Line Drivers with 3-state Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2244AFPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LVC2244AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2244AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2244AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2244AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2244AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2244AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2244AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2244AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LVC2244AFPEL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LVC2244A
Rev.3.00 Aug. 20, 2004 page 6 of 9
Test Circuit
(VCC = 1.8±0.15 V, VCC = 2.5±0.2 V)
Note: 1. C includes probe and jig capacitance.
L
t
/ t
PLH
PHL
t
/ t
ZH
HZ
t
/ t
ZL
LZ
2
×V
CC
2
×V
CC
V
(V)
CC
Symbol
S1
OPEN
GND
R1
1 k
Ω
R2
950
Ω
1.8±0.15
500
Ω 450 Ω
2.5±0.2
VCC
OPEN
C =
30 pF
1
G, 2G
1Y1 to 2Y4
1A1 to 2A4
Output
Input
Pulse generator
Zout = 50 Ω
R1
R2
50
Scope
Ω
GND
VCC
S1
L
(VCC = 2.7 V, VCC = 3.3±0.3 V, VCC = 5.0±0.5 V)
VCC
OPEN
See
under table
C =
50 pF
1
G, 2G
1Y1 to 2Y4
1A1 to 2A4
Output
*1
Input
Pulse generator
Zout = 50 Ω
500
Ω
450
Ω
50
Scope
Ω
GND
6 V
VCC
S1
L
Vcc=2.7V,
Vcc=5.0±0.5V
3.3±0.3V
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
2
×V
CC
Symbol
S1
OPEN
GND
Note: 1. C includes probe and jig capacitance.
L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com