Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVCZ244ATELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVCZ244ATELL
Description  Octal Buffers / Line Drivers with 3-state Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCZ244ATELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVCZ244ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVCZ244ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVCZ244ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVCZ244ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVCZ244ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVCZ244ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVCZ244ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LVCZ244ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LVCZ244ATELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LVCZ244A
Rev.3.00 Aug. 18, 2004 page 4 of 8
Electrical Characteristics
(Ta = –40 to 85°C)
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
2.7 to 3.6
2.0
—
—
VIH
4.5 to 5.5
VCC
×0.7 —
—
V
2.7 to 3.6
—
—
0.8
Input voltage
VIL
4.5 to 5.5
—
—
VCC
×0.3
V
2.7 to 5.5
VCC–0.2
—
—
IOH = –100
µA
2.7
2.2
—
—
3.0
2.4
—
—
IOH = –12 mA
3.0
2.2
—
—
VOH
4.5
3.8
—
—
V
IOH = –24 mA
2.7 to 5.5
—
—
0.2
IOL = 100
µA
2.7
——0.4
IOL = 12 mA
3.0
——0.55
Output voltage
VOL
4.5
——0.55
V
IOL = 24 mA
Input current
IIN
0 to 5.5
—
—
±5
µAVIN = 0 to 5.5 V
IOZ
2.7 to 5.5
—
—
±5
VOUT = 0 to 5.5 V
IOZPU
0 to 1.5
—
—
±5
Off state output
current
IOZPD
1.5 to 0
—
—
±5
µA
VOUT = 0.5 to 5.5 V,
Output enable = don’t care
Output leak current
IOFF
0
——±5
µAVIN or VO = 5.5 V
2.7 to 3.6
—
—
225
VIN = 3.6 to 5.5 V
*1, I
O = 0
ICC
2.7 to 5.5
—
—
350
µA
VIN = VCC or GND
Quiescent supply
current
∆ICC
2.7 to 3.6
—
—
500
µA
VIN = one input at (VCC–0.6) V,
other inputs at VCC or GND
Input capacitance
CIN
3.3
—
3.4
—
pF
VIN = VCC or GND
Output capacitance
CO
3.3
—
7.5
—
pF
VOUT = VCC or GND
Note:
1. This applies in the disabled state only.
Switching Characteristics
(Ta = –40 to 85°C)
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
FROM
(Input)
TO
(Output)
2.7
——6.9
3.3±0.3
1.5
—
5.9
Propagation delay time
tPLH
tPHL
5.0±0.5
—
—
4.5
ns
A
Y
2.7
——8.6
3.3±0.3
1.5
—
7.6
Output enable time
tZH
tZL
5.0±0.5
—
—
6.1
ns
G
Y
2.7
——6.8
3.3±0.3
1.5
—
6.5
Output disable time
tHZ
tLZ
5.0±0.5
—
—
5.5
ns
G
Y
2.7
———
3.3±0.3
—
—
1.0
Between output pin skew
*1 t
OSLH
tOSHL
5.0±0.5
—
—
1.0
ns
Note:
1. This parameter is characterized but not tested.
tOSLH = |tPLHm–tPLHn|, tOSHL = |tPHLm–tPHLn|



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com