Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS8L30H Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS8L30H
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8L30H Datasheet(HTML) 1 Page - STMicroelectronics

  STPS8L30H Datasheet HTML 1Page - STMicroelectronics STPS8L30H Datasheet HTML 2Page - STMicroelectronics STPS8L30H Datasheet HTML 3Page - STMicroelectronics STPS8L30H Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
STPS8L30H
®
June 2000 - Ed: 1A
LOW DROP POWER SCHOTTKY RECTIFIER
IF(AV)
8A
VRRM
30 V
Tj (max)
150 °C
VF (max)
0.40 V
MAIN PRODUCT CHARACTERISTICS
n
LOW COST DEVICE WITH LOW DROP FOR-
WARD
VOLTAGE
FOR
LESS
POWER
DISSIPATION AND REDUCED HEATSINK
n
OPTIMIZED CONDUCTION/REVERSE LOSSES
TRADE-OFF
WHICH
LEADS
TO
THE
HIGHEST YIELD IN THE APPLICATIONS
FEATURES AND BENEFITS
Single Schottky rectifier suited to Switched Mode
Power Supplies and high frequency DC to DC con-
verters.
Packaged in IPAK, this device is especially in-
tended for use as a Rectifier at the secondary of
3.3V SMPS or DC/DC units.
DESCRIPTION
IPAK
TAB
1
2
3
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS)
RMS forward current
7
A
IF(AV)
Average forward current
Tc = 135°C
δ = 0.5
8
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp = 2
µs F = 1kHz square
1
A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
2
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum junction temperature
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink


Similar Part No. - STPS8L30H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS8L30H STMICROELECTRONICS-STPS8L30H Datasheet
115Kb / 7P
Low drop power Schottky rectifier
01-Mar-2006
More results

Similar Description - STPS8L30H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com