Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS374P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS374P
Description  Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS374P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS374P Datasheet HTML 1Page - Renesas Technology Corp HD74LS374P Datasheet HTML 2Page - Renesas Technology Corp HD74LS374P Datasheet HTML 3Page - Renesas Technology Corp HD74LS374P Datasheet HTML 4Page - Renesas Technology Corp HD74LS374P Datasheet HTML 5Page - Renesas Technology Corp HD74LS374P Datasheet HTML 6Page - Renesas Technology Corp HD74LS374P Datasheet HTML 7Page - Renesas Technology Corp HD74LS374P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LS374
Rev.2.00, Feb.18.2005, page 4 of 7
Testing Method
Test Circuit
4.5V
1Q
Output
Input
P.G.
Zout = 50
Ω
Input
P.G.
Zout = 50
Ω
1D
2D
3D
7D
4D
5D
6D
Clock
8D
OC
3Q
4Q
5Q
6Q
7Q
8Q
2Q
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
5k
Ω
S2
S1
Load circuit 1
VCC
RL
CL
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com