Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS641 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS641
Description  Octal Bus Transceivers (non-inverted open-collector outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS641 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS641 Datasheet HTML 1Page - Renesas Technology Corp HD74LS641 Datasheet HTML 2Page - Renesas Technology Corp HD74LS641 Datasheet HTML 3Page - Renesas Technology Corp HD74LS641 Datasheet HTML 4Page - Renesas Technology Corp HD74LS641 Datasheet HTML 5Page - Renesas Technology Corp HD74LS641 Datasheet HTML 6Page - Renesas Technology Corp HD74LS641 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LS641
Rev.2.00, Feb.18.2005, page 4 of 6
Testing Method
Test Circuit
1A
1B
DIR
G
Input
P.G.
Zout = 50
Ω
4.5V
S1
Output
VCC
RL
CL
Notes:
1.
2A-2B, 3A-3B, 4A-4B, 5A-5B, 6A-6B, 7A-7B, 8A-8B, are identical to abobe load circuit.
2.
CL includes prove and jig capacitance.
3.
S1 is a input-output switch.
Waveforms 1
VOL
VOH
tPHL
Input A
(or B)
3 V
0 V
1.3 V
1.3 V
10 %
10 %
90 %
90 %
tTLH
tTHL
Output B
(or A)
1.3 V
1.3 V
tPLH
Note:
Input pulse: tTLH
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz, duty cycle 50%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com