Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSA92-AP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSA92-AP
Description  SMALL SIGNAL PNP TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSA92-AP Datasheet(HTML) 2 Page - STMicroelectronics

  STPSA92-AP Datasheet HTML 1Page - STMicroelectronics STPSA92-AP Datasheet HTML 2Page - STMicroelectronics STPSA92-AP Datasheet HTML 3Page - STMicroelectronics STPSA92-AP Datasheet HTML 4Page - STMicroelectronics STPSA92-AP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-amb
•
Rthj-case
•
Thermal Resistance Junction-Ambient
Max
Thermal Resistance Junction-Case
Max
200
83.3
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = -200 V
-100
nA
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = -100
µA
-300
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = -1 mA
-300
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = -100
µA
-5
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -20 mA
IB = -2 mA
-0.5
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = -20 mA
IB = -2 mA
-0.9
V
hFE
∗
DC Current Gain
IC = -1 mA
VCE = -10 V
IC = -10 mA
VCE = -10 V
IC = -30 mA
VCE = -10 V
25
40
40
fT
Transition Frequency
IC = -10mA VCE = -20 V f = 50 MHz
50
MHz
CCEO
Collector-Emitter
Capacitance
VCE = -20 V f = 1 MHz
50
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1.5 %
STPSA92
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com