Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS125AP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS125AP
Description  Quadruple Bus Buffer Gates (with three-state outputs)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS125AP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS125AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS125AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS125AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS125AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS125AP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.2.00, Feb.18.2005, page 1 of 4
HD74LS125A
Quadruple Bus Buffer Gates (with three-state outputs)
REJ03D0430–0200
Rev.2.00
Feb.18.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS125AP
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74LS125AFPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74LS125ARPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
4C
4A
4Y
3A
3C
1C
GND
1A
1Y
2C
2A
2Y
3Y
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Function Table
Inputs
Outputs
C
A
Y
H
X
Z
L
L
L
L
H
H
Note:
H ; high level,
L ; low level,
X ; irrelevant,
Z ; off (high-impedance) state of a 3-state output


Similar Part No. - HD74LS125AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS125A HITACHI-HD74LS125A Datasheet
46Kb / 5P
Quadriple Bus Buffer Gates(with three-state outputs)
HD74LS125A HITACHI-HD74LS125A Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS125AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT125A TI-SN54BCT125A Datasheet
491Kb / 14P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_07 Datasheet
926Kb / 20P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A_07 Datasheet
395Kb / 17P
QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_08 Datasheet
1Mb / 23P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHC126 TI-SN54AHC126_08 Datasheet
577Kb / 18P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC126 TI-SN54HC126_08 Datasheet
636Kb / 17P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS126A RENESAS-HD74LS126A Datasheet
67Kb / 4P
Quadruple Bus Buffer Gates (with three-state outputs)
logo
Potato Semiconductor Co...
PO74G125A POTATO-PO74G125A_14 Datasheet
1Mb / 5P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ABT125 TI1-SN54ABT125_15 Datasheet
1Mb / 25P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com