Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS132 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS132
Description  Quadruple 2-Input Positive NAND Schmitt-triggers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS132 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS132 Datasheet HTML 1Page - Renesas Technology Corp HD74LS132 Datasheet HTML 2Page - Renesas Technology Corp HD74LS132 Datasheet HTML 3Page - Renesas Technology Corp HD74LS132 Datasheet HTML 4Page - Renesas Technology Corp HD74LS132 Datasheet HTML 5Page - Renesas Technology Corp HD74LS132 Datasheet HTML 6Page - Renesas Technology Corp HD74LS132 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74LS132
Rev.3.00, Jul.13.2005, page 3 of 6
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VT
+
1.4
1.6
1.9
V
VCC = 5 V
Input threshold
voltage
VT
–
0.5
0.7
1.0
V
VCC = 5 V
Hysteresis
VT
+ – V
T
–
0.4
0.9
—
V
VCC = 5 V
VOH
2.7
—
—
V
VCC = 4.75 V, VI = 0.5 V, IOH = –400
µA
—
—
0.5
IOL = 8 mA
Output voltage
VOL
—
—
0.4
V
IOL = 4 mA
VCC = 4.75 V, VI = 1.9 V
IT
+
—
–0.14
—
mA
VCC = 5 V, VI = VT
+
Input threshold
current
IT
–
—
–0.18
—
mA
VCC = 5 V, VI = VT
–
IIH
—
—
20
µA
VCC = 5.25 V, VI = 2.7 V
IIL
—
—
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
Input current
II
—
—
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–20
—
–100
mA
VCC = 5.25 V
ICCH
—
5.9
11
mA
VCC = 5.25 V
Supply current
ICCL
—
8.2
14
mA
VCC = 5.25 V
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Note:
* VCC = 5 V, Ta = 25°C
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
min.
typ.
max.
Unit
Condition
tPLH
—
15
22
ns
Propagation delay time
tPHL
—
15
22
ns
CL = 15 pF, RL = 2 k
Ω
Testing Method
Test Circuit
RL
4.5V
VCC Output
Input
CL
P.G.
Zout=50
Ω
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com