Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS132P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS132P
Description  Quadruple 2-Input Positive NAND Schmitt-triggers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS132P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS132P Datasheet HTML 1Page - Renesas Technology Corp HD74LS132P Datasheet HTML 2Page - Renesas Technology Corp HD74LS132P Datasheet HTML 3Page - Renesas Technology Corp HD74LS132P Datasheet HTML 4Page - Renesas Technology Corp HD74LS132P Datasheet HTML 5Page - Renesas Technology Corp HD74LS132P Datasheet HTML 6Page - Renesas Technology Corp HD74LS132P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00, Jul.13.2005, page 1 of 6
HD74LS132
Quadruple 2-Input Positive NAND Schmitt-triggers
REJ03D0432–0300
Rev.3.00
Jul.13.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS132P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74LS132FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74LS132RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
4B
4A
4Y
3A
3B
1A
GND
1B
1Y
2A
2B
2Y
3Y
1
2
3
4
5
6
7
14
8
9
10
11
12
13


Similar Part No. - HD74LS132P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS132 HITACHI-HD74LS132 Datasheet
49Kb / 5P
Quadruple 2-input Positive NAND Schmitt-triggers
HD74LS132 HITACHI-HD74LS132 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS132P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54132 TI-SN54132 Datasheet
362Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
logo
Hitachi Semiconductor
HD74LS132 HITACHI-HD74LS132 Datasheet
49Kb / 5P
Quadruple 2-input Positive NAND Schmitt-triggers
logo
List of Unclassifed Man...
UT54ACS132 ETC1-UT54ACS132 Datasheet
34Kb / 4P
Radiation-Hardened Quadruple 2-Input NAND Schmitt Triggers
logo
Texas Instruments
SN5413 TI-SN5413 Datasheet
374Kb / 11P
DUAL 4-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54132 TI-SN54132_07 Datasheet
928Kb / 23P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
74AC11132 TI1-74AC11132 Datasheet
375Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT-TRIGGER
SN7413 TI1-SN7413 Datasheet
369Kb / 11P
DUAL 4-INPUT POSITIVE-NAND SCHMITT TRIGGERS
logo
Aeroflex Circuit Techno...
UT54ACS132 AEROFLEX-UT54ACS132 Datasheet
231Kb / 9P
Quadruple 2-Input NAND Schmitt Triggers
UT54ACS132E AEROFLEX-UT54ACS132E Datasheet
133Kb / 7P
Quadruple 2-Input NAND Schmitt Triggers
logo
Texas Instruments
SN54132 TI1-SN54132_15 Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com