Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS136 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS136
Description  Quadruple 2-Input Exclusive-OR Gates (with open collector outputs)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS136 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS136 Datasheet HTML 1Page - Renesas Technology Corp HD74LS136 Datasheet HTML 2Page - Renesas Technology Corp HD74LS136 Datasheet HTML 3Page - Renesas Technology Corp HD74LS136 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev.3.00, Jul.13.2005, page 1 of 3
HD74LS136
Quadruple 2-Input Exclusive-OR Gates
(with open collector outputs)
REJ03D0433–0300
Rev.3.00
Jul.13.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS136FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
Pin Arrangement
(Top view)
VCC
4B
4A
4Y
3A
3B
1A
GND
1B
1Y
2A
2B
2Y
3Y
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Function Table
Inputs
Output
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
L
Note:
H ; high level,
L ; low level,
X ; irrelevant.


Similar Part No. - HD74LS136

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS136 HITACHI-HD74LS136 Datasheet
45Kb / 5P
Quadruple 2-input Exclusive-OR Gates(with open collector outputs)
HD74LS136 HITACHI-HD74LS136 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54136 TI-SN54136 Datasheet
190Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE OR GATES WITH OPEN-COLLECTOR OUTPUTS
SN54LS266 TI-SN54LS266 Datasheet
465Kb / 9P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS136 HITACHI-HD74LS136 Datasheet
45Kb / 5P
Quadruple 2-input Exclusive-OR Gates(with open collector outputs)
HD74LS266 HITACHI-HD74LS266 Datasheet
46Kb / 5P
Quadruple 2-input Exclusive-NOR Gates(with open collector outputs)
logo
Texas Instruments
SN54ALS136 TI-SN54ALS136 Datasheet
39Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
SN54LS266 TI-SN54LS266_07 Datasheet
610Kb / 12P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS266 RENESAS-HD74LS266 Datasheet
146Kb / 4P
Quadruple 2-input Exclusive-NOR Gates (with open collector outputs)
logo
Texas Instruments
SN74ALS811 TI1-SN74ALS811 Datasheet
80Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
SN74LS266J TI-SN74LS266J Datasheet
483Kb / 11P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS136 TI1-SN54ALS136_08 Datasheet
57Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com