Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS138 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS138
Description  3-Line-to-8-Line Decoders / Demultiplexers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS138 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS138 Datasheet HTML 1Page - Renesas Technology Corp HD74LS138 Datasheet HTML 2Page - Renesas Technology Corp HD74LS138 Datasheet HTML 3Page - Renesas Technology Corp HD74LS138 Datasheet HTML 4Page - Renesas Technology Corp HD74LS138 Datasheet HTML 5Page - Renesas Technology Corp HD74LS138 Datasheet HTML 6Page - Renesas Technology Corp HD74LS138 Datasheet HTML 7Page - Renesas Technology Corp HD74LS138 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LS138
Rev.3.00, Jul.13.2005, page 4 of 7
Testing Method
Test Circuit
4.5V
Y0
Load circuit 1
Output
VCC
RL
CL
Input
P.G.
Zout = 50
A
B
C
G1
G2A
G2B
Y2
Y3
Y4
Y5
Y6
Y7
Y1
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).
Waveform
tPLH
tPHL
VOH
VOL
0 V
3 V
VOH
VOL
tPHL
tPLH
10%
90%
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
10%
90%
Input
In phase Output
Out of phase Output
tTLH
tTHL
Note:
Input pulse; tTLH
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz, duty cycle 50%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com