Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS145 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS145
Description  BCD-to-Decimal Decoder / Driver (with 15 V outputs)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS145 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS145 Datasheet HTML 1Page - Renesas Technology Corp HD74LS145 Datasheet HTML 2Page - Renesas Technology Corp HD74LS145 Datasheet HTML 3Page - Renesas Technology Corp HD74LS145 Datasheet HTML 4Page - Renesas Technology Corp HD74LS145 Datasheet HTML 5Page - Renesas Technology Corp HD74LS145 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HD74LS145
Rev.3.00, Jul.13.2005, page 2 of 5
Function Table
Inputs
Outputs
No.
D
C
B
A
0
1
2
3
4
5
6
7
8
9
L
L
L
L
L
H
H
H
H
H
H
H
H
H
L
L
L
H
H
L
H
H
H
H
H
H
H
H
L
L
H
L
H
H
L
H
H
H
H
H
H
H
L
L
H
H
H
H
H
L
H
H
H
H
H
H
0
1
2
3
4
L
H
L
L
H
H
H
H
L
H
H
H
H
H
L
H
L
H
H
H
H
H
H
L
H
H
H
H
L
H
H
L
H
H
H
H
H
H
L
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
L
L
L
H
H
H
H
H
H
H
H
L
H
5
6
7
8
9
H
L
L
H
H
H
H
H
H
H
H
H
H
L
H
L
H
L
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
Invalid
H
H
H
H
H
H
H
H
H
H
H
H
H
H
Block Diagram
Inputs
A
B
C
D
Outputs
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com