Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS145P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS145P
Description  BCD-to-Decimal Decoder / Driver (with 15 V outputs)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS145P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS145P Datasheet HTML 1Page - Renesas Technology Corp HD74LS145P Datasheet HTML 2Page - Renesas Technology Corp HD74LS145P Datasheet HTML 3Page - Renesas Technology Corp HD74LS145P Datasheet HTML 4Page - Renesas Technology Corp HD74LS145P Datasheet HTML 5Page - Renesas Technology Corp HD74LS145P Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HD74LS145
Rev.3.00, Jul.13.2005, page 3 of 5
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
Off-state output voltage
VO(off)
—
—
15
V
Low level output current
IOL
—
—
80
mA
Operating temperature
Topr
–20
25
75
°C
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
V
Input voltage
VIL
—
—
0.8
V
Off-state output
current
IO(off)
—
—
250
µA
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
VO(off) = 15 V
—
—
0.4
IOL = 12 mA
—
—
0.5
IOL = 24 mA
On-state output
voltage
VO(on)
—
—
3.0
V
IOL = 80 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
IIH
—
—
20
µA
VCC = 5.25 V, VI = 2.7 V
IIL
—
—
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
Input current
II
—
—
0.1
mA
VCC = 5.25 V, VI = 7 V
Supply current**
ICC
—
7
13
mA
VCC = 5.25 V
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** ICC is measured with all outputs open and all inputs grounded.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
min.
typ.
max.
Unit
Condition
tPLH
—
—
50
Propagation delay time
tPHL
—
—
50
ns
CL = 45 pF, RL = 665
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com