Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS151 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS151
Description  1-of-8 Data Selector / Multiplexer (with strobe)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS151 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS151 Datasheet HTML 1Page - Renesas Technology Corp HD74LS151 Datasheet HTML 2Page - Renesas Technology Corp HD74LS151 Datasheet HTML 3Page - Renesas Technology Corp HD74LS151 Datasheet HTML 4Page - Renesas Technology Corp HD74LS151 Datasheet HTML 5Page - Renesas Technology Corp HD74LS151 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HD74LS151
Rev.3.00, May 10, 2006, page 5 of 5
Package Dimensions
7.62
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
19.2
6.3
5.06
A1
Z
b3
D
E
A
bp
c
θ
e
L
e1
0.51
0.56
1.30
0.19
0.25
0.31
2.29 2.54
2.79
0°
15°
20.32
7.4
0.40
0.48
1.12
2.54
1
p
3
1
8
16
9
e
b
Z
e
c
D
b
0.89
θ
( Ni/Pd/Au plating )
P-DIP16-6.3x19.2-2.54
1.05g
MASS[Typ.]
DP-16FV
PRDP0016AE-B
RENESAS Code
JEITA Package Code
Previous Code
0.635
0.15
1.27
5.80
6.20
0.40
0.34
A1
10.30
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.75
1.27
0.60
0.40
3.95
0.25
0.14
0.10
0.46
0.25
0.20
0.15
6.10
8°
0°
0.25
1.08
9.90
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
Index mark
1
y
xM
p
*3
*1
F
8
9
16
D
Zb
Terminal cross section
( Ni/Pd/Au plating )
p
b
Detail F
1
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
P-SOP16-3.95x9.9-1.27
0.15g
MASS[Typ.]
FP-16DNV
PRSP0016DG-A
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com