Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS151RPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS151RPEL
Description  1-of-8 Data Selector / Multiplexer (with strobe)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS151RPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS151RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS151RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS151RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS151RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS151RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS151RPEL Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HD74LS151
Rev.3.00, May 10, 2006, page 4 of 5
Testing Method
Test Circuit
Y
Load circuit 1
Output
VCC
RL
CL
W
Same as Load Circuit 1.
Output
4.5V
P.G.
Zout = 50
Ω
D0
D1
D2
D3
D4
D5
D6
D7
A
B
S
C
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).
Waveform
tPLH
tPHL
VOH
VOL
0 V
3 V
VOH
VOL
tPHL
tPLH
10%
90%
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
10%
90%
Input
In phase output
Out of phase output
tTLH
tTHL
Note:
Input pulse; tTLH
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz, duty cycle = 50%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com