Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS155P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS155P
Description  Dual 2-line-to-4-line Decoders / Demultiplexers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS155P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS155P Datasheet HTML 1Page - Renesas Technology Corp HD74LS155P Datasheet HTML 2Page - Renesas Technology Corp HD74LS155P Datasheet HTML 3Page - Renesas Technology Corp HD74LS155P Datasheet HTML 4Page - Renesas Technology Corp HD74LS155P Datasheet HTML 5Page - Renesas Technology Corp HD74LS155P Datasheet HTML 6Page - Renesas Technology Corp HD74LS155P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LS155
Rev.2.00, Feb.18.2005, page 4 of 6
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Output
Levels
of logic
min.
typ.
max.
Unit
Condition
tPLH
—
10
15
ns
tPHL
A, B, 2C
1G or 2G
Y
2
—
19
30
ns
tPLH
—
17
26
ns
tPHL
A or B
Y
3
—
19
30
ns
tPLH
—
18
27
ns
Propagation
delay time
tPHL
1C
Y
3
—
18
27
ns
CL = 15 pF,
RL = 2 k
Ω
Testing Method
Test Circuit
4.5V
1Y0
Load circuit 1
Output
VCC
RL
CL
Input
P.G.
Zout = 50
Ω
1C
B
A
2C
2G
1G
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
1Y1
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com