Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS156 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS156
Description  Dual 2-line-to-4-line Decoders / Demultiplexers (with open collector outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS156 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS156 Datasheet HTML 1Page - Renesas Technology Corp HD74LS156 Datasheet HTML 2Page - Renesas Technology Corp HD74LS156 Datasheet HTML 3Page - Renesas Technology Corp HD74LS156 Datasheet HTML 4Page - Renesas Technology Corp HD74LS156 Datasheet HTML 5Page - Renesas Technology Corp HD74LS156 Datasheet HTML 6Page - Renesas Technology Corp HD74LS156 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LS156
Rev.3.00, Jul.13.2005, page 4 of 6
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Output
Level of
logic
min.
typ.
max.
Unit
Condition
tPLH
A, B, 2C,
1G or 2G
Y
2
—
25
40
tPHL
A, B, 2C,
1G or 2G
Y
2
—
34
51
tPLH
A or B
Y
3
—
31
46
tPHL
A or B
Y
3
—
34
51
tPLH
1C
Y
3
—
32
48
Propagation
delay time
tPHL
1C
Y
3
—
32
48
ns
CL = 15 pF,
RL = 2 k
Ω
Testing Method
Test Circuit
4.5V
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y3
1C
A
1G
B
2C
2G
Input
P.G.
Zout = 50
Ω
VCC
2Y2
RL
CL
Output
Note:
CL includes probe and jig capacitance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com