Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS158 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS158
Description  Quadruple 2-line-to-1-line Data Selectors / Multiplexers (inverted outputs)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS158 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS158 Datasheet HTML 1Page - Renesas Technology Corp HD74LS158 Datasheet HTML 2Page - Renesas Technology Corp HD74LS158 Datasheet HTML 3Page - Renesas Technology Corp HD74LS158 Datasheet HTML 4Page - Renesas Technology Corp HD74LS158 Datasheet HTML 5Page - Renesas Technology Corp HD74LS158 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00, Feb.18.2005, page 1 of 5
HD74LS158
Quadruple 2-line-to-1-line Data Selectors / Multiplexers
(inverted outputs)
REJ03D0443–0200
Rev.2.00
Feb.18.2005
This data selector / multiplexer contains inverters and drivers to supply full on-chip data selection to the four output
gates. A separate strobe input is provided. A 4-bit word is selected from one of two sources and is routed to the four
outputs. Then, outputs present inverted data to minimize propagation delay time.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS158FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
GND
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
S
1A
2Y
3Y
2B
1Y
1B
G
3B
3A
4B
4A
Select
1A
1B
1Y
2A
2B
2Y
3Y
3B
3A
4Y
4B
4A
S
2A
4Y
Inputs
Inputs
Inputs
Output
Output
Output
Output
Inputs
Function Table
Inputs
Output
Strobe
Select
A
B
Y
H
X
X
X
H
L
L
L
X
H
L
L
H
X
L
L
H
X
L
H
L
H
X
H
L
H ; high level, L ; low level, X ; irrelevant


Similar Part No. - HD74LS158

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS158 HITACHI-HD74LS158 Datasheet
58Kb / 6P
Quadruple 2-line-to-1-line Data Selectors/Multiplexers(inverted outputs)
HD74LS158 HITACHI-HD74LS158 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS158

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS157 HITACHI-HD74LS157 Datasheet
59Kb / 6P
Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs)
HD74LS158 HITACHI-HD74LS158 Datasheet
58Kb / 6P
Quadruple 2-line-to-1-line Data Selectors/Multiplexers(inverted outputs)
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Renesas Technology Corp
HD74LS157 RENESAS-HD74LS157 Datasheet
73Kb / 7P
Quadruple 2-line-to-1-line Data Selectors / Multiplexers (noninverted outputs)
logo
Texas Instruments
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com