Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS161AP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LS161AP
Description  Synchronous 4-bit Binary Counter (direct clear)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS161AP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LS161AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 8Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 9Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 10Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HD74LS161A
Rev.2.00, Feb.18.2005, page 8 of 10
Waveforms 2
tPLH, tPHL, (Clock→Q)
Clock
Data Inputs
A, B, C or D
Outputs
QA, QB, QC or QD
1.3V
1.3V
1.3V
1.3V
tTHL
tTLH
tTHL
tTLH
tPLH
tPHL
VOH
VOL
0V
3V
0V
3V
10%
10%
90%
10%
10%
90%
90%
90%
Note:
Input pulse: tTLH
≤ 15 ns, t
THL
≤ 6 ns, Clock input: PRR = 1 MHz, duty cycle 50%,
Data input: PRR = 500 kHz, duty cycle 50%
Waveforms 3
tPLH, tPHL, (Enable T→Ripple Carry)
tPLH
tPHL
VOH
VOH
0 V
3 V
1.3 V
1.3 V
1.3 V
1.3 V
Enable T
Carry
Output
10 %
90 %
tTLH
tTHL
10 %
90 %
Note:
Input pulse: tTLH
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz
Waveforms 4
tPHL, (Clear→Q)
Clear
QA to QD
1.3V
1.3V
1.3V
tTHL
tTLH
tPHL
tw (CLR)
≥ 20ns
VOH
VOL
0V
3V
10%
10%
90%
90%
Note:
Input pulse: tTLH
≤ 15 ns, t
THL
≤ 6 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com