Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS162A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS162A
Description  Synchronous Decade Counter (synchronous clear)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS162A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS162A Datasheet HTML 1Page - Renesas Technology Corp HD74LS162A Datasheet HTML 2Page - Renesas Technology Corp HD74LS162A Datasheet HTML 3Page - Renesas Technology Corp HD74LS162A Datasheet HTML 4Page - Renesas Technology Corp HD74LS162A Datasheet HTML 5Page - Renesas Technology Corp HD74LS162A Datasheet HTML 6Page - Renesas Technology Corp HD74LS162A Datasheet HTML 7Page - Renesas Technology Corp HD74LS162A Datasheet HTML 8Page - Renesas Technology Corp HD74LS162A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HD74LS162A
Rev.3.00, Jul.15.2005, page 3 of 10
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
—
—
–400
µA
Output current
IOL
—
—
8
mA
Operating temperature
Topr
–20
25
75
°C
Clock frequency
ƒclock
0
—
25
MHz
Clock pulse width
tw (clock)
25
—
—
ns
Clear pulse width
tw (clear)
20
—
—
ns
A, B, C, D
20
—
—
ns
Enable P, T
20
—
—
ns
Load
20
—
—
ns
Setup time
Clear
tsu
20
—
—
ns
Hold time
th
3
—
—
ns
Typical Clear, Preset, and Inhibit Sequence
Count
Preset
(Load)
Inhibit
Load
Data
Inputs
A
B
C
D
QA
QD
QC
QB
Clock
Enable T
Ripple Carry
Output
Enable P
Clear
Clear
Outputs
789012



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com